PART |
Description |
Maker |
10A2 10A1 10A4 10A8 10A6 10A10 10A005 |
Video Triax Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material Coaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance Triaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:17.3pF/ft; Leaded Process Compatible:Yes; Shielding Coverage:95% RoHS Compliant: Yes Video Triax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:16.1pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes MICRO MATE PLUG PCB EDGE MOUNT Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 10.0放大器硅整流
|
Bytes
|
4119 4119-93 4119-600 |
BNC Feed-Thru Termination; Impedance:600ohm; Body Style:Straight Terminator; Body Material:Brass; Dielectric Material:Teflon; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
|
Pomona Electronics
|
BYX90G BYX90G_2 |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Conductor Plating:Copper; Jacket Color:Black RoHS Compliant: Yes High-voltage soft-recovery controlled avalanche rectifier From old datasheet system
|
NXP Semiconductors N.V. Philips Semiconductors
|
R65C02P2 R65C02P4M R65C102P4M R65C02P1 R65C02P1E R |
MICROPROCESSORS(CPU) 微处理器(CPU)的 Twinaxial Cable; Impedance:150ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Black RoHS Compliant: Yes 微处理器(CPU)的
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufac...
|
11825-808 11825-818 FS6322-05 |
Paired Cable; Number of Conductors:8; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Temperature Max:90 C; Voltage Nom.:300V RoHS Compliant: Yes Multiconductor Dual-Channel Audio Cable; Number of Conductors:2; Conductor Size AWG:25; No. Strands x Strand Size:7 x 38; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Tinned Copper; Shielding Coverage:90% RoHS Compliant: Yes Three-PLL Clock Generator IC
|
AMI Semiconductor Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
JQX-116F-1_ACAF1H JQX-116F-1_ACAF2H JQX-116F-1_DCD |
MINIATURE HIGH POWER RELAY From old datasheet system CABLE, SEC, BLACK, 6.75X12.7MM, 152.4M; Cores, No. of:3; Conductor make-up:7/26; Area, conductor CSA:0.891mm2; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Attenuation, 1 GHz:7.1dB; Attenuation, 1 MHz:0.20dB; RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:20 Coax/18 Pr; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes Security Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 2 PR #20 PVC FS FRPVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes CABLE, SEC, COAX, 5.89MM, 152.4M; Cores, No. of:1; Conductor make-up:1.0.80 mm; Area, conductor CSA:0.519mm2; Material, secondary insulation:PVC; Attenuation, 1 GHz:8.50dB; Attenuation, 1 MHz:0.30dB; Attenuation, 10 MHz:0.90dB; RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes 微型大功率继电器 CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes 微型大功率继电器 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 微型大功率继电器 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft RoHS Compliant: Yes 微型大功率继电器
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
2SK246 |
N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT/ IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)
|
Toshiba Semiconductor
|
2SK246 |
Field Effect Transistor Silicon N Channel Junction Type For Constant Current, Impedance Converter and DC-AC High Input Impedance Amplifier Circuit Applications
|
TOSHIBA
|
R5312L001A |
Coaxial Cable; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V; RG Cable Type:59 RoHS Compliant: Yes Multi LDOs for Cellular-phone
|
Ricoh Co., Ltd. RICOH electronics devic...
|